Part Number Hot Search : 
SAA7131A 633A32 MMBT4 SFBDY27 4071BCP LAP47B 2SB1319 TMR3001
Product Description
Full Text Search
 

To Download SBL1035 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL1030 - SBL1060
10A SCHOTTKY BARRIER RECTIFIER Features
* * * * * * * Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications Plastic Material: UL Flammability Classification Rating 94V-0
TO-220AC
L B C K D A
Pin 1 Pin 2
Dim
M
Min 14.22 9.65 2.54 5.84 3/4 12.70 0.51 3.53AE 3.56 1.14 0.30 2.03 4.83
Max 15.88 10.67 3.43 6.86 6.35 14.73 1.14 4.09AE 4.83 1.40 0.64 2.92 5.33
A B C D E G
E J R
Pin 1 Pin 2
J
N G
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 2.24 grams (approx.) Mounting Position: Any Marking: Type Number
K L M
P
Case
N P R
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TC = 95C (Note 1) Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJc Tj, TSTG SBL 1030 30 21
@ TA = 25C unless otherwise specified
SBL 1035 35 24.5
SBL 1040 40 28 10 250 0.60 1.0 50 700 3.5
SBL 1045 45 31.5
SBL 1050 50 35
SBL 1060 60 42
Unit V V A A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Drop Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance Thermal Resistance Junction to Case Operating and Storage Temperature Range Notes: @ IF = 10A, TC = 25C @ TC = 25C @ TC = 100C (Note 2) (Note 1)
0.75
V mA pF C/W C
-65 to +150
1. Thermal resistance junction to case mounted on heatsink. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
DS23042 Rev. C-2
1 of 2
SBL1030 - SBL1060
16
IF, INSTANTANEOUS FORWARD CURRENT (A)
20
100
I(AV), AVERAGE FORWARD CURRENT (A)
10
SBL1030CT - SBL10450CT
12
8
SBL1050CT - SBL1060CT
1.0
4
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0.2 0.4 0.6
Tj = 25C Pulse width = 300s 2% duty cycle
0.8
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
300 250 200 150
4000
8.3 ms single half-sine-wave JEDEC method
Tj = 25C
Cj, CAPACITANCE (pF)
1000
100 50 0
1
10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current
IR, INSTANTANEOUS REVERSE CURRENT (mA)
100
100
100 0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance per Element
10
Tj = 100C
1.0
Tj = 75C
0.1
Tj = 25C
0.01
0
40
80
120
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS23042 Rev. C-2
2 of 2
SBL1030 - SBL1060


▲Up To Search▲   

 
Price & Availability of SBL1035

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X